PART |
Description |
Maker |
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF24 |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; Voltage Rating:277V; Fuse Size/Group:3.22 "; Voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; Supply Current:15mA; Supply Voltage:36V; Supply Voltage Max:30V; Supply Voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; Supply Voltage Max:12V; Supply Voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset Voltage:50kV IC-QUAD COMPARATOR Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4MHz; Slew Rate:13V/us; Package/Case:8-DIP; Dual Supply Voltage Max ( /- V):18V; Mounting Type:Through Hole Operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4MHz; Bias Current:7nA; Dual Supply Voltage Max ( V):18V; Gain:4dB; Offset Voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
LT1613 LT1613CS5 |
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23 Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
LBT14066 |
140MHz SAW Filter 14.4MHz Bandwidth 140MHz的带宽SAW滤波4.4MHz
|
SIPAT Co., Ltd. SIPAT Co,Ltd
|
MAX1536ETI_ MAX1536 MAX1536ETI |
3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
AP3418KTR-G1 |
1.5A, 1.4MHz HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
|
Diodes
|
AP3418KTR-G1 |
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufactu...
|
AP3408 |
2A, 4MHz High Efficiency Synchronous Buck Converter
|
BCD Semiconductor Manuf...
|
C10940-03 |
HIGH VOLTAGE POWER SUPPLY
|
Hamamatsu Corporation
|
ISL9103IRUAZ-T ISL9103AIRUAZ-T ISL9103IRUBZ-T ISL9 |
500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
|
Intersil Corporation
|